Part Number Hot Search : 
A4910 SRU1063 GBPC35 CMT18N20 S222M PST3809 T4110M 38ECP
Product Description
Full Text Search
 

To Download PM100CVA06005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI MITSUBISHI
PM100CVA060 PM100CVA060
FLAT-BASE TYPE FLAT-BASE TYPE INSULATED PACKAGE INSULATED PACKAGE
PM100CVA060
FEATURE
* 3 100A, 600V Current-sense IGBT for 20kHz switching * Monolithic gate drive & protection logic * Detection, protection & status indication circuits for overcurrent, short-circuit, over-temperature & under-voltage (P-FO available from upper leg devices) * Acoustic noise-less 11kW class inverter application * UL Recognized Yellow Card No. E80276(N) File No. E80271
APPLICATION General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
7.5
7.5 17
N
20
P V
110 20
12.5
B
4-R6
14.1 0.25 14.1 0.25 14.1 0.25 16.5
10
1234
89 76 0.5 74 0.25
5678
9 10 11 12
6-M5NUTS
1314 1516 171819
U
W
4-5.5 MOUNTING HOLES
7.5 17
20
20 95 0.25 73.7 A 14.6
2.54 0.25
43.57 0.3
TERMINAL CODE 1. WFO 8. VVP1 15. VNC 2. VWPC 9. UFO 16. VN1 3. WP 10. VUPC 17. UN 4. VWP1 11. UP 18. VN 5. VFO 12. VUP1 19. WN 6. VVPC 13. NC 14. FO 7. VP
1 0.3
0.3
3.49 0.25 4-3 C0.7
2.54 0.25 2.54 0.25 2.54 0.25
3.49 0.25 0.64
22 -0.5 21.2 19.7 4
LABEL
22 31.6 32.6
+1.0
A : DETAIL
Jun. 2005
MITSUBISHI
PM100CVA060
FLAT-BASE TYPE INSULATED PACKAGE
INTERNAL FUNCTIONS BLOCK DIAGRAM
FO Rfo Rfo Rfo Rfo NC VNC WN VN1 VN UN WP VWP1 VP VVP1 UP VUP1 VWPC WFO VVPC VFO VUPC UFO
GND FO In VCC TEMP GND Si OUT Th
GND FO In VCC
GND In
FO VCC
GND FO In VCC
GND FO In VCC
GND FO In VCC
GND Si OUT
GND Si OUT
GND Si OUT
GND Si OUT
GND Si OUT
Rfo=1.5k
NC
N
W
V
U
P
MAXIMUM RATINGS (Tj = 25C, unless otherwise noted) INVERTER PART
Symbol VCES IC ICP PC Tj Parameter Collector-Emitter Voltage Collector Current Collector Current (Peak) Collector Dissipation Junction Temperature Condition VD = 15V, VCIN = 15V TC = 25C TC = 25C TC = 25C Ratings 600 100 200 307 -20 ~ +150 Unit V A A W C
CONTROL PART
Symbol VD VCIN VFO IFO Parameter Supply Voltage Input Voltage Fault Output Supply Voltage Fault Output Current Condition Applied between : VUP1-VUPC VVP1-VVPC, VWP1-VWPC, VN1-VNC Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN * VN * WN-VNC Applied between : UFO-VUPC, VFO-VVPC, WFO-VWPC FO-VNC Sink current at UFO, VFO, WFO and FO terminal Ratings 20 20 20 20 Unit V V V mA
Jun. 2005
MITSUBISHI
PM100CVA060
FLAT-BASE TYPE INSULATED PACKAGE
TOTAL SYSTEM
Parameter Supply Voltage Protected by VCC(PROT) SC Symbol VCC(surge) Supply Voltage (Surge) TC Tstg Viso Module Case Operating Temperature Storage Temperature Isolation Voltage Condition VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125C Start Applied between : P-N, Surge value or without switching (Note-1) 60Hz, Sinusoidal, Charged part to Base, AC 1 min. Ratings 400 500 -20 ~ +100 -40 ~ +125 2500 Unit V V C C Vrms
(Note-1) TC measurement point is below. (3mm depth at the center of the side of base plate)
Tc
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise noted) INVERTER PART
Symbol VCE(sat) VEC ton trr tc(on) toff tc(off) ICES Parameter Collector-Emitter Saturation Voltage FWDi Forward Voltage Test Condition VD = 15V, IC = 100A VCIN = 0V -IC = 100A, VD = 15V, VCIN = 15V VD = 15V, VCIN = 0V15V VCC = 300V, IC = 100A Tj = 125C Inductive Load (upper and lower arm) VCE = VCES, VCIN = 15V Tj = 25C Tj = 125C Tj = 25C Tj = 125C Min. -- -- -- 0.4 -- -- -- -- -- -- Limits Typ. 2.35 2.55 2.20 0.8 0.2 0.3 1.8 0.6 -- -- Max. 2.8 3.05 3.30 2.1 0.3 1.1 2.9 1.2 1 10 Unit V V
Switching Time
s
Collector-Emitter Cutoff Current
mA
CONTROL PART
Symbol ID Vth(ON) Vth(OFF) SC toff(SC) OT OTr UV UVr IFO(H) IFO(L) tFO Parameter Circuit Current Input ON Threshold Voltage Input OFF Threshold Voltage Short Circuit Trip Level Short Circuit Current Delay Time Over Temperature Protection Supply Circuit Under-Voltage Protection Fault Output Current Minimum Fault Output Pulse Width Test Condition VD = 15V, VCIN = 15V VN1-VNC V*P1-V*PC Min. -- -- 1.2 1.7 158 -- Trip level Reset level Trip level Reset level (Note-2) (Note-2) 111 -- 11.5 -- -- -- 1.0 Limits Typ. 40 13 1.5 2.0 -- 10 118 100 12.0 12.5 -- 10 1.8 Max. 55 18 1.8 2.3 -- -- 125 -- 12.5 -- 0.01 15 -- Unit mA V A s C V mA ms
Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN * VN * WN-VNC -20 Tj 125C, VD = 15V VD = 15V Base-plate Temperature detection, VD = 15V -20 Tj 125C VD = 15V, VFO = 15V VD = 15V
(Note-2) Fault output is given only when the internal SC, OT & UV protection. Fault output of OT protection operate by lower arm Fault output of OT, UV protection given pulse while over level.
Jun. 2005
MITSUBISHI
PM100CVA060
FLAT-BASE TYPE INSULATED PACKAGE
THERMAL RESISTANCES
Symbol Rth(j-c)Q Rth(j-c)F Rth(c-f) Parameter Junction to case Thermal Resistances Contact Thermal Resistance Test Condition Inverter IGBT part (per 1/6 module) Inverter FWDi part (per 1/6 module) Case to fin, Thermal grease applied (per 1 module) Min. -- -- -- Limits Typ. -- -- -- Max. 0.407 0.70 0.027 Unit C/W
MECHANICAL RATINGS AND CHARACTERISTICS
Symbol -- -- -- Parameter Mounting torque Mounting torque Weight Mounting part Main terminal Test Condition screw : M5 screw : M5 Min. 2.5 2.5 -- Limits Typ. 3.0 3.0 560 Max. 3.5 3.5 -- Unit N*m N*m g
RECOMMENDED CONDITIONS FOR USE
Symbol VCC VD VCIN(ON) VCIN(OFF) tdead fPWM Parameter Supply Voltage Control Supply Voltage Input ON Voltage Input OFF Voltage Arm Shoot-through Blocking Time PWM Input Frequency Test Condition Applied across P-N terminals Applied between : VUP1-VUPC, VVP1-VVPC VWP1-VWPC, VN1-VNC (Note-3) Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN * VN * WN-VNC For IPM's each input signals Using Application Circuit input signal of IPM, 3 Sinusoidal PWM VVVF inverter Recommended value 400 15 1.5 0.8 4.0 2.5 20 Unit V V V s kHz
(Note-3) With ripple satisfying the following conditions dv/dt swing 5V/s, Variation 2V peak to peak
Jun. 2005
MITSUBISHI
PM100CVA060
FLAT-BASE TYPE INSULATED PACKAGE
PERFORMANCE CURVES
OUTPUT CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V)
150
Tj = 25C VCIN = 0V 15V VD = 17V 13V
5 Tj = 25C Tj = 125C VD = 15V VCIN = 0V
4
100
3
2
50
1
0
0
1
2
3
4
5
0
0
50
100
150
200
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC(A)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V)
SWITCHING CHARACTERISTICS (TYPICAL) 5
3
6
SWITCHING TIME (s)
Tj = 25C Tj = 125C 5 IC = 100A VCIN = 0V
2
toff 100
7 5 3 2
4 3 2 1 0 10
ton tc(off) tc(on) Tj = 125C VCC = 300V VD = 15V Inductive load
5 7 101 2 3 5 7 102 2 3 5
10-1 12 14 16 18 20
7 5
CONTROL SUPPLY VOLTAGE VD(V)
COLLECTOR CURRENT IC (A)
COLLECTOR RECOVERY CURRENT -IC (A)
DIODE FORWARD CHARACTERISTICS (TYPICAL) 102
7 5
7 5 3 2
lrr
7 5 3 2
2
101
7 5 3 2
101
7 5 3 2
trr
10-1
7 5 3
100
100
VCC = 300V VD = 15V Inductive load
7 101 2 3 5 7 102
Tj = 25C 2 Tj = 125C 10-2
2 3 57
0
0.5
1.0
1.5
2.0
2.5
EMITTER-COLLECTOR VOLTAGE VEC (V)
COLLECTOR RECOVERY CURRENT -IC (A)
Jun. 2005
REVERS RECOVERY TIME trr (s)
Tj = 25C Tj = 125C VD = 15V 3 VCIN = 15V
REVERSE RECOVERY CURRENT lrr (A)
DIODE REVERSE RECOVERY CHARACTERISTICS (TYPICAL) 102 100
MITSUBISHI
PM100CVA060
FLAT-BASE TYPE INSULATED PACKAGE
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT per 1 element) 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi per 1 element) 101
NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth (j - c)
100
7 5 3 2 7 5 3 2 7 5 3 2
NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth (j - c)
7 Single Pulse 5 3 Per unit base = Rth(j - c)Q = 0.407C/ W 2
7 Single Pulse 5 3 Per unit base = Rth(j - c)F = 0.70C/ W 2 7 5 3 2 7 5 3 2 7 5 3 2
100
10-1
10-1
10-2
10-2
10-3 10-3 2 3 5 710-2 2 3 5 710-1 2 3 5 7100 2 3 5 7101 TIME (s)
10-3 10-3 2 3 5 710-2 2 3 5 710-1 2 3 5 7100 2 3 5 7101 TIME (s)
Jun. 2005


▲Up To Search▲   

 
Price & Availability of PM100CVA06005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X